Part Number Hot Search : 
UBA2032T L7805 80020 60300 TPS85107 2SC4350 2SC181 CLL4741A
Product Description
Full Text Search
 

To Download 2SC1514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC1514
DESCRIPTION *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 300V(Min) *Good Linearity of hFE *Low Saturation Voltage
APPLICATIONS *Designed for use in high frequency high voltage amplifier and TV viedo output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous Collector Power Dissipation @ TC=25
0.1
A
10 W
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature 1.25
150
Tstg
Storage Temperature Range
-40~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC1514
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10A ; IE= 0 IC= 1mA ; RBE=
300
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
300
V
V(BR)EBO
Emitter-Base Breakdown Vltage
IE= 10A ; IC= 0
5
V
VCE(sat) ICEO
Collector-Emitter Saturation Voltage
IC= 20mA; IB= 2mA VCE= 250V; RBE=
1.5
V A
Collector Cutoff Current
1
hFE
DC Current Gain
IC= 20mA ; VCE= 20V
30
200
fT
Current-Gain--Bandwidth Product
IC= 20mA ; VCE= 20V
80
MHz
COB
Output Capacitance
IE= 0; VCB= 20V,ftest= 1MHz
4
pF
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC1514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X